Part Number Hot Search : 
110UH XFGIB TF666 16373 ORT9303 BCM57 2SA1305 74HC158D
Product Description
Full Text Search
 

To Download 1N914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N914 / 1N914A / 1N914B
FAST SWITCHING DIODE Features
* * * * Fast Switching Speed High Reliability High Conductance For General Purpose Switching Applications
A
B
A
D
C
Mechanical Data
* * * * Case: DO-35, Glass Terminals: Solderable per MIL-STD-202, Method 208 Marking: Type Number Weight: 0.013 grams (approx.)
Dim A B C D
DO-35 Min 25.40 3/4 3/4 3/4 Max 3/4 4.00 0.60 2.00
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) 1N914 1N914A/B 1N914 1N914A/B Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 75 53 150 300 75 200 1.0 1.0 4.0 500 1.68 300 -65 to +175 Unit V V V mA mA A mW mW/C K/W C
Non-Repetitive Peak Forward Surge Current @ t = 1.0s 1N914 @ t = 1.0ms 1N914A/B @ t = 1.0ms Power Dissipation (Note 1) Derate Above 25C Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Maximum Forward Voltage
@ TA = 25C unless otherwise specified Symbol 1N914B 1N914B 1N914 1N914A VFM Min 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 0.72 1.0 1.0 1.0 5.0 50 25 4.0 4.0 Unit V mA mA nA pF ns Test Condition IF = 5.0mA IF = 100mA IF = 10mA IF = 20mA VR = 75V VR = 20V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = 10mA to IR =1.0mA VR = 6.0V, RL = 100W
Maximum Peak Reverse Current Capacitance Reverse Recovery Time
IRM Cj trr
Notes: 1. Valid provided that lead are kept at ambient temperature at a distance of 8.0mm.
DS22001 Rev. E-4
1 of 2
1N914 / 1N914A / 1N914B
IF, INSTANTANEOUS FORWARD CURRENT (mA)
100
Tj = 25C
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
1000
100
Tj = 25C
10
Tj = 100C
10
Tj = 100C
1.0
1.0
0.1
0.1
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics 1N914, 1N914A
10,000
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Forward Characteristics 1N914B
IR, LEAKAGE CURRENT (nA)
1000
100
10
VR = 20V
1 0 100 200 Tj, JUNCTION TEMPERATURE (C) Fig. 3 Leakage Current vs Junction Temperature
DS22001 Rev. E-4
2 of 2
1N914 / 1N914A / 1N914B


▲Up To Search▲   

 
Price & Availability of 1N914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X